Part Number Hot Search : 
003901 5924B FJ256 XC1700EL MM3ZB10 CZRA3051 SP504AN BTA43
Product Description
Full Text Search
 

To Download MC10EP451-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 may, 2002 rev. 4 1 publication order number: mc10ep451/d mc10ep451, mc100ep451 3.3v / 5vecl 6-bit differential register with master reset the mc10/100ep451 is a 6bit fully differential register with common clock and single ended master reset (mr). it is ideal for very high frequency applications where a registered data path is necessary. all inputs have a 75 k  pulldown resistor internally. differential inputs have an override clamp. unused differential register inputs can be left open and will default low. when the differential inputs are forced to 3.0 ghz typical ? asynchronous master reset ? 20 ps skew within device, 35 ps skew devicetodevice ? pecl mode operating range: v cc = 3.0 v to 5.5 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = 3.0 v to 5.5 v ? open input default state ? safety clamp on inputs lqfp32 fa suffix case 873a marking diagram* mcxxx awlyyww xxx = 10 or 100 a = assembly location wl = wafer lot yy = year ww = work week *for additional information, see application note and8002/d ep451 device package shipping ordering information mc10ep451fa lqfp32 250 units/tray mc10ep451far2 lqfp32 2000 tape & reel mc100ep451fa lqfp32 250 units/tray mc100ep451far2 lqfp32 2000 tape & reel 1 32 http://onsemi.com
mc10ep451, mc100ep451 http://onsemi.com 2 q1 25 26 27 28 29 30 31 32 15 14 13 12 11 10 9 12345678 24 23 22 21 20 19 18 17 16 q1 q2 q2 v cc q3 q3 v cc d1 d2 d2 mr v ee d3 d3 d4 q0 q0 v cc clk clk d0 d1 q4 q4 v ee q5 q5 d5 d4 d5 d0 pin description pin d [0:5]*, d [0:5]* ecl differential data inputs function mr * clk*, clk * ecl differential clock inputs ecl master reset input ecl differential data outputs v cc positive supply v ee negative supply figure 1. 32lead lqfp pinout (top view) warning: all v cc and v ee pins must be externally connected to power supply to guarantee proper operation. figure 2. logic diagram q [0:5], q [0:5] d q r d q r d q r d q r d q r d q r mr clk clk d5 d5 d4 d4 d3 d3 d2 d2 d1 d1 d0 d0 q0 q0 q1 q1 q2 q2 q3 q3 q4 q4 q5 q5 mc10ep451 mc100ep451 * pins will default low when left open. v ee attributes characteristics value internal input pulldown resistor 75 k  internal input pullup resistor n/a esd protection human body model machine model charged device model > 2 kv > 200 v > 2 kv moisture sensitivity (note 1) level 2 flammability rating oxygen index ul94 code v0 a 1/8o 28 to 34 transistor count 919 devices meets or exceeds jedec spec eia/jesd78 ic latchup test 1. for additional information, see application note and8003/d.
mc10ep451, mc100ep451 http://onsemi.com 3 maximum ratings (note 2) symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 6 v v ee necl mode power supply v cc = 0 v 6 v v i pecl mode input voltage v ee = 0 v v i  v cc 6 v v i pecl mode in ut voltage necl mode input voltage v ee 0 v v cc = 0 v v i  v cc v i  v ee 6 6 v v i out output current continuous surge 50 100 ma ma ta operating temperature range 40 to +85 c t stg storage temperature range 65 to +150 c q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 32 lqfp 32 lqfp 80 55 c/w c/w q jc thermal resistance (junction to case) std bd 32 lqfp 12 to 17 c/w t sol wave solder <2 to 3 sec @ 248 c 265 c 2. maximum ratings are those values beyond which device damage may occur. 10ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 3) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 80 95 125 80 95 125 80 95 125 ma v oh output high voltage (note 4) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mv v ol output low voltage (note 4) 1365 1490 1615 1430 1555 1680 1470 1615 1740 mv v ih input high voltage (single ended) 2090 2415 2155 2480 2215 2540 mv v il input low voltage (single ended) 1365 1690 1430 1755 1490 1815 mv v ihcmr input high voltage common mode range (differential) (note 5) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 3. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to 2.2 v. 4. all loading with 50 ohms to v cc 2.0 volts. 5. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. 10ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 6) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 80 95 125 80 95 125 80 95 125 ma v oh output high voltage (note 7) 3865 3990 4115 3930 4055 4180 3990 4115 4240 mv v ol output low voltage (note 7) 3065 3190 3315 3130 3255 3380 3170 3315 3440 mv v ih input high voltage (single ended) 3790 4115 3855 4180 3915 4240 mv v il input low voltage (single ended) 3065 3390 3130 3455 3190 3515 mv v ihcmr input high voltage common mode range (differential) (note 8) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 6. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to 0.5 v. 7. all loading with 50 ohms to v cc 2.0 volts. 8. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep451, mc100ep451 http://onsemi.com 4 10ep dc characteristics, necl v cc = 0 v, v ee = 5.5 v to 3.0 v (note 9) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 80 95 125 80 95 125 80 95 125 ma v oh output high voltage (note 10) 1135 1010 885 1070 945 820 1010 885 760 mv v ol output low voltage (note 10) 1935 1810 1685 1870 1745 1620 1830 1685 1560 mv v ih input high voltage (single ended) 1210 885 1145 820 1085 760 mv v il input low voltage (single ended) 1935 1610 1870 1545 1810 1485 mv v ihcmr input high voltage common mode range (differential) (note 11) v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 9. input and output parameters vary 1:1 with v cc . 10. all loading with 50 ohms to v cc 2.0 volts. 11. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. 100ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 12) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 85 105 135 85 105 135 85 105 135 ma v oh output high voltage (note 13) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mv v ol output low voltage (note 13) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mv v ih input high voltage (single ended) 2075 2420 2075 2420 2075 2420 mv v il input low voltage (single ended) 1355 1675 1355 1675 1355 1675 mv v ihcmr input high voltage common mode range (differential) (note 14) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 12. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to 2.2 v. 13. all loading with 50 ohms to v cc 2.0 volts. 14. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. 100ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 15) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 85 105 135 85 105 135 85 105 135 ma v oh output high voltage (note 16) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mv v ol output low voltage (note 16) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mv v ih input high voltage (single ended) 3775 4120 3775 4120 3775 4120 mv v il input low voltage (single ended) 3055 3375 3055 3375 3055 3375 mv v ihcmr input high voltage common mode range (differential) (note 17) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 15. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to 0.5 v. 16. all loading with 50 ohms to v cc 2.0 volts. 17. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep451, mc100ep451 http://onsemi.com 5 100ep dc characteristics, necl v cc = 0 v, v ee = 5.5 v to 3.0 v (note 18) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 85 105 135 85 105 135 85 105 135 ma v oh output high voltage (note 19) 1145 1020 895 1145 1020 895 1145 1020 895 mv v ol output low voltage (note 19) 1945 1820 1695 1945 1820 1695 1945 1820 1695 mv v ih input high voltage (single ended) 1225 880 1225 880 1225 880 mv v il input low voltage (single ended) 1945 1625 1945 1625 1945 1625 mv v ihcmr input high voltage common mode range (differential) (note 20) v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v i ih input high current 150 150 150 m a i il input low current 0.5 0.5 0.5 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 18. input and output parameters vary 1:1 with v cc . 19. all loading with 50 ohms to v cc 2.0 volts. 20. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. ac characteristics v cc = 0 v; v ee = 3.0 v to 5.5 v or v cc = 3.0 v to 5.5 v; v ee = 0 v (note 21) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum frequency (see figure 3. f max /jitter) (note 22) > 3.0 > 3.0 > 3.0 ghz t plh , t phl propagation delay to clk to q, q output differential mr to q, q 330 430 430 530 530 630 350 450 450 550 550 650 390 490 490 590 590 690 ps t rr reset recovery mr to clk 240 145 250 150 260 160 ps t s t h setup time d to clk hold time clk to d 80 80 40 40 80 80 40 40 80 80 40 40 ps t pw minimum pulse rate mr 400 400 400 ps t skew withindevice skew (note 23) devicetodevice skew (note 24) 20 35 40 100 20 35 40 100 20 35 40 100 t jitter cycletocycle jitter (see figure 3. f max /jitter) 0.2 < 1 0.2 < 1 0.2 < 1 ps t r t f output rise/fall times q, q (20% 80%) 100 100 150 150 250 250 110 110 160 160 260 260 130 130 180 180 280 280 ps 21. measured using a 750 mv source, 50% duty cycle clock source. all loading with 50 ohms to v cc 2.0 v. 22. v ol and v oh specifications not guaranteed for f max testing. 23. skew is measured between outputs under identical transitions and conditions on any one device. 24. devicetodevice skew for identical transitions at identical v cc levels.
mc10ep451, mc100ep451 http://onsemi.com 6 0 100 200 300 400 500 600 700 800 0 1000 2000 3000 4000 5000 6000 figure 3. f max /jitter frequency (mhz) 1 2 3 4 5 6 7 8 v outpp (mv) jitter out ps (rms) v tt = v cc 2.0 v figure 4. typical termination for output driver and device evaluation (refer to application note and8020 termination of ecl logic devices.)  driver device receiver device q qb d db 50  50 v tt resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1504 metastability and the eclinps family an1568 interfacing between lvds and ecl an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8009 eclinps plus spice i/o model kit and8020 termination of ecl logic devices for an updated list of application notes, please see our website at http://onsemi.com.
mc10ep451, mc100ep451 http://onsemi.com 7 package dimensions lqfp32 fa suffix case 873a02 issue a detail y a s1 v b 1 8 9 17 25 32 ae ae p detail y base n j d f metal section aeae g seating plane r q  w k x 0.250 (0.010) gauge plane e c h detail ad dim a min max min max inches 7.000 bsc 0.276 bsc millimeters b 7.000 bsc 0.276 bsc c 1.400 1.600 0.055 0.063 d 0.300 0.450 0.012 0.018 e 1.350 1.450 0.053 0.057 f 0.300 0.400 0.012 0.016 g 0.800 bsc 0.031 bsc h 0.050 0.150 0.002 0.006 j 0.090 0.200 0.004 0.008 k 0.500 0.700 0.020 0.028 m 12 ref 12 ref n 0.090 0.160 0.004 0.006 p 0.400 bsc 0.016 bsc q 1 5 1 5 r 0.150 0.250 0.006 0.010 v 9.000 bsc 0.354 bsc v1 4.500 bsc 0.177 bsc   detail ad a1 b1 v1 4x s 4x b1 3.500 bsc 0.138 bsc a1 3.500 bsc 0.138 bsc s 9.000 bsc 0.354 bsc s1 4.500 bsc 0.177 bsc w 0.200 ref 0.008 ref x 1.000 ref 0.039 ref 9 t z u t-u 0.20 (0.008) z ac t-u 0.20 (0.008) z ab 0.10 (0.004) ac ac ab m  8x t, u, z t-u m 0.20 (0.008) z ac notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. datum plane -ab- is located at bottom of lead and is coincident with the lead where the lead exits the plastic body at the bottom of the parting line. 4. datums -t-, -u-, and -z- to be determined at datum plane -ab-. 5. dimensions s and v to be determined at seating plane -ac-. 6. dimensions a and b do not include mold protrusion. allowable protrusion is 0.250 (0.010) per side. dimensions a and b do include mold mismatch and are determined at datum plane -ab-. 7. dimension d does not include dambar protrusion. dambar protrusion shall not cause the d dimension to exceed 0.520 (0.020). 8. minimum solder plate thickness shall be 0.0076 (0.0003). 9. exact shape of each corner may vary from depiction.
mc10ep451, mc100ep451 http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc10ep451/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC10EP451-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X